Part Number Hot Search : 
04500 00FXH29 AKD4560A 01JQ13 UES1106 EPA368 LTC1475 2SK31
Product Description
Full Text Search
 

To Download 72-MDL-32ADC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 System 50
CONTROLLERS MicroDAC LT (Optomux)
FEATURES * Each Unit Controls/Monitors up to 32 Analog (G5 Only) and/or Digital I/O Modules * Executes On-Board Programs Created With Borland C * Network up to 64 MicroDAC LTs per Host Serial Port, Spanning as Much as 4000 Feet * Communicate Over RS-422 /485 at Speeds From 1200 Baud to 115.2 KB * 100% Optomux Compatible, With Expanded Command Set * I/O Update Rates of 500 Sec per 32 Digital I/O, and 10 mS per Analog Input or 2 Analog Outputs * 64-Bit Floating Point Math
APPLICATIONS
and control the outputs. In addition to simple ON/OFF instructions, commands are included which permit you to: * Sample analog signals at 10 mS per input * Flag values above or below prescribed levels * Capture min/max values * Calculate the average input signal levels * Provide linearized thermocouple and RTD temperature values * Determine the width of input pulses * Count pulses at frequencies up to 1000Hz * Detect rising or falling edges * Latch momentary input events * Set the level of analog outputs * Provide delayed-on or delayed-off outputs Even while an Embedded Control Program (ECP) is running on MicroDAC LT, any OptomuxTM command it receives from the host will be processed as usual, which allows you to delegate some or all of the control and data acquisition responsibility from the host computer. This reduces communications time and improves system response. For embedded or stand-alone applications, downloaded ECP routines can be initiated on power-up. Libraries and the appropriate download utility are included with the ECP Programmers Manual.
GENERAL DESCRIPTION
MicroDAC LT is a low cost version of MicroDAC for customers who don't need all of the features of MicroDAC. Missing are the battery back-up for the RAM memory, real-time clock, RS-232, and SBX ports. The DIN Rail Mountable metal enclosure is optional. ECP routines written for MicroDAC can be easily transferred to MicroDAC LT and vice versa. By combining MicroDAC, MicroDAC LT and ProMux the cost/performance of a distributed control or data acquisition network is optimized for price and performance.
System 50
COMMUNICATIONS
The host computer and MicroDAC LT(s) communicate serially over one or two pair of twisted wires per RS-422/485 in a multi-drop configuration. They use Optomux TM ASCII format to code the command and the response messages. Application programs running on the host computer issue commands and then await responses from the MicroDAC. The communications speed is selectable between 1.2 and 115.2 KBaud. Each controller on the network is assigned a unique base address. The entire network can span 4000 feet.
SOFTWARE
Software drivers are available which simplify the task of interfacing host programs written in. Visual Basic or C to the MicroDAC network. Sample programs, set-up and debug utilities are included on the disk with the drivers. Interface drivers for most third party software packages are available through their distributors. Our MicroDAC DDE Server dramatically simplifies data sharing between MicroDACs and Windows applications, such as Microsoft Excel (see Controller Software). Our DLL will assist you in building custom Windows Man-Machine Interfaces or control programs using Visual Basic, Visual C/C++, or Borland compilers.
1
ANALOG & DIGITAL I/O
MicroDAC LT connects directly to any 8,16,24, or 32 module mounting rack with a 50-pin header. If connected to a G5 rack, any combination of analog and digital I/O modules may be used. Standard and Mini racks permit only a combination of digital modules. MicroDAC LTs can be networked to a host PC which execute programs that monitor the input signals
EMBEDDED CONTROL PROGRAMS
By specifying MicroDAC LT(s) with the optional 64KB of flash memory, you can develop and download C language programs to any of the networked controllers.
With optional enclosure.
System 50 Grayhill, Inc. * 561 Hillgrove Avenue * LaGrange, Illinois 60525-5997 * USA * Phone: 708-354-1040 * Fax: 708-354-2820 * www.grayhill.com 31
System 50
DIMENSIONS
In inches (and millimeters)
STANDOFF I.D. 0.15 (3,8) DIA. CLEARANCE FOR #6 SCREW
4.975 (126,37)
0.725 (18,42)
ATTACHES TO 35 MM DIN RAIL EN50022
+5V GND FH+ FHTH+ THFO+ FOTO+ TO-
4.25 (107,95)
2.80 (71,12)
3.000 (76,2)
0.20 (5,08) 4.875 (123,83)
0.725 (18,42) 0.625 (15,88)
.758 (19,25) 1.385 (35,18)
.758 (19,25)
2.20 (55,9)
PLUG CONNECTOR MATES DIRECTLY WITH A RACK
Unless otherwise specified, tolerances are .010 (0,25).
SPECIFICATIONS
Power Supply: 4.75 to 5.25 Vdc Supply Current (less modules): 300 mA Operating Temperature: 0 to 70C Humidity: 95% non-condensing Microprocessor: V25 @ 10 MHz Housing Material: Painted steel Connections: RS-422/485: 10 position terminal block Rack: 50-pin female plug Serial Data: Format: 10-Bit ASCII, 1 Start, 1 Stop, 8 Data Integrity: Message Checksum or 4 Pass + CS Range of Network: Compliant with EIA/TIA RS485-A (1 standard load per controller). Operates in multi-drop mode. 64 DIP switch selectable addresses. May require RS485 repeaters for lengths over 4000 feet or more than 32 controllers. Consult factory for special configurations.
ORDERING INFORMATION
Part Number Description MicroDAC LT Controllers 72-MDL-32ADC Analog/Digital with 64K flash for C ECP storage MicroDAC LT User's Manuals and Software 72-UMM 72-UMM-D 72-UMM-DDE 72-UMM-DLL 72-UMM-DLL32 72-UMM-E 72-UMM-H 72-UMM-IL Introduction to MicroDAC Driver development and protocol definition. Includes driver source code Optomux DDE Server for Windows 3.1 Optomux DLL for Windows 3.1 Optomux DLL for Windows 95/98/NT C language ECP manual with libraries Programmers manual with Basic and C host drivers & examples Hardware installation and set-up. Includes set-up and debug programs For prices and discounts, contact your local sales office, an authorized Distributor, or Grayhill.
System 50
Available from your local authorized Grayhill Distributor.
Grayhill, Inc. * 561 Hillgrove Avenue * LaGrange, Illinois 60525-5997 * USA * Phone: 708-354-1040 * Fax: 708-354-2820 * www.grayhill.com
System 50 32


▲Up To Search▲   

 
Price & Availability of 72-MDL-32ADC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X